Part Number Hot Search : 
S9006K ER3461 224002 RX5VT AMP01FX ATA6824 34WECAK ECCM1
Product Description
Full Text Search
 

To Download 74LCX07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LCX07 Low Voltage Hex Buffer with Open Drain Outputs
October 1999 Revised November 1999
74LCX07 Low Voltage Hex Buffer with Open Drain Outputs
General Description
The LCX07 contains six buffers. The inputs tolerate voltages up to 7V allowing the interface of 5V systems to 3V systems. The outputs of the LCX07 are open drain and can be connected to other open drain outputs to implement active HIGH wire AND or active LOW wire OR functions. The 74LCX07 is fabricated with advanced CMOS technology to achieve high speed operation while maintaining CMOS low power dissipation.
Features
s 5V tolerant inputs s 2.3V-5.5V VCC specifications provided s 2.9 ns tPD max (VCC = 3.3V), 10 A ICC max s Power down high impedance inputs and outputs s 24 mA output drive (VCC = 3.0V) s Implements patented noise/EMI reduction circuitry s Latch-up performance exceeds 500 mA s ESD performance: Human body model > 2000V Machine model > 200V
Ordering Code:
Order Number 74LCX07M 74LCX07SJ 74LCX07MTC Package Number M14A M14D MTC14 Package Description 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150" Narrow 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Logic Symbol
IEEE/IEC
Connection Diagram
Pin Descriptions
Pin Names An On Description Inputs Outputs
(c) 1999 Fairchild Semiconductor Corporation
DS500238
www.fairchildsemi.com
74LCX07
Absolute Maximum Ratings(Note 1)
Symbol VCC VI VO IIK IOK IO ICC IGND TSTG Parameter Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Source/Sink Current DC Supply Current per Supply Pin DC Ground Current per Ground Pin Storage Temperature Value -0.5 to +7.0 -0.5 to +7.0 -0.5 to VCC + 0.5 -50 -50 +50 50 100 100 -65 to +150 Output in HIGH or LOW State (Note 2) VI < GND VO < GND VO > VCC Conditions Units V V V mA mA mA mA mA C
Recommended Operating Conditions (Note 3)
Symbol VCC VI VO IOL Supply Voltage Input Voltage Output Voltage Output Current HIGH or LOW State VCC = 4.5 - 5.5V VCC = 3.0V - 3.6V VCC = 2.7V - 3.0V VCC = 2.3V - 2.7V TA t/V Free-Air Operating Temperature Input Edge Rate, VIN = 0.8V-2.0V, VCC = 3.0V -40 0 Parameter Operating Data Retention Min 2.0 1.5 0 0 Max 5.5 5.5 5.5 VCC +32 +24 +12 +8 85 10 C ns/V mA Units V V V
Note 1: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Ratings. The Recommended Operating Conditions table will define the conditions for actual device operation. Note 2: IO Absolute Maximum Rating must be observed. Note 3: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol VIH Parameter HIGH Level Input Voltage Conditions VCC (V) 2.3 - 2.7 2.7 - 3.6 4.5 - 5.5 VIL LOW Level Input Voltage 2.3 - 2.7 2.7 - 3.6 4.5 - 5.5 VOL LOW Level Output Voltage IOL = -100 A IOL = 8 mA IOL = 12 mA IOL = 16 mA IOL = 24 mA IOL = 32 mA II IOFF ICC ICC Input Leakage Current Power-Off Leakage Current Quiescent Supply Current Increase in ICC per Input 0 VI 5.5V VI or VO = 5.5V VI = V CC or GND 3.6V VI 5.5V VIH = VCC -0.6V 2.3 - 5.5 2.3 2.7 3.0 3.0 4.5 2.3 - 5.5 0 2.3 - 5.5 2.3 - 5.5 2.3 - 3.6 4.5 - 5.5 TA = -40C to +85C Min 1.7 2.0 0.7 x VCC 0.7 0.8 0.3 x VCC 0.2 0.6 0.4 0.4 0.55 0.55 5.0 10 10 10 500 1 A A A A mA V V V Max Units
www.fairchildsemi.com
2
74LCX07
AC Electrical Characteristics
TA = -40C to +85C, RL = 500 Symbol Parameter VCC = 5.0V 0.5V CL= 50 pF Min tPZL tPLZ Propagation Delay Time 0.5 0.5 Max 3.0 3.0 VCC = 3.3V 0.3V CL= 50 pF Min 0.8 0.8 Max 3.7 3.7 VCC = 2.7V CL= 50 pF Min 1.0 1.0 Max 4.4 4.4 VCC = 2.5V 0.2V CL= 30 pF Min 0.8 0.8 Max 3.8 3.8 ns Units
Note 4: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Dynamic Switching Characteristics
Symbol VOLP VOLV Parameter Quiet Output Dynamic Peak VOL Quiet Output Dynamic Valley VOL Conditions CL = 50 pF, VIH = 3.3V, VIL = 0V CL = 30 pF, VIH = 2.5V, VIL = 0V CL = 50 pF, VIH = 3.3V, VIL = 0V CL = 30 pF, VIH = 2.5V, VIL = 0V VCC (V) 3.3 2.5 3.3 2.5 TA = 25C Typical 0.9 0.7 -0.8 -0.6 V V Units
Capacitance
Symbol CIN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance Parameter Conditions VCC = Open, VI = 0V or VCC VCC = 3.3V, VI = 0V or VCC VCC = 3.3V, VI = 0V or VCC, f = 10 MHz Typical 7 8 25 Units pF pF pF
3
www.fairchildsemi.com
74LCX07
AC Loading and Waveforms
FIGURE 1. AC Test Circuit (CL includes probe and jig capacitance) Test tPZL, tPLZ Switch VCC x 2 at VCC = 5.0 0.5V 6V at VCC = 3.3 0.3V VCC x 2 at VCC = 2.5 0.2V
3-STATE Output Low Enable and Disable Times for Logic FIGURE 2. Waveforms
trise and tfall
(Input Pulse Characteristics; f =1MHz, tr = tf = 3ns)
Symbol Vmi Vmo Vx Vy
VCC 5.0V 0.5V VCC/2 VCC/2 VOL + 0.3V VOH - 0.3V 3.3V 0.3V 1.5V 1.5V VOL + 0.3V VOH - 0.3V 1.5V 1.5V VOL + 0.3V VOH - 0.3V 2.7V 2.5V 0.2V VCC/2 VCC/2 VOL + 0.15V VOH - 0.15V
www.fairchildsemi.com
4
74LCX07
Physical Dimensions inches (millimeters) unless otherwise noted
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150" Narrow Package Number M14A
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M14D
5
www.fairchildsemi.com
74LCX07 Low Voltage Hex Buffer with Open Drain Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC14
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 6 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74LCX07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X